Part Number Hot Search : 
EE08489 T114033 SBT607 SMBJ110 TISP4070 R325CH02 BZX79C27 CLV0950E
Product Description
Full Text Search
 

To Download MMSZ5231-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  planar die construction  zener voltages from 2.4v - 39v and 500mw power dissipation  ideally suited for automated assembly processes mechanical data   approx. weight: 0.00 9 grams  mounting position: any  storage & operating temperature: -55 o c to +150 o c maximum ratings @ 25 o c unless otherwise specified maximum forward voltage v f 0.9 v power dissipation (no te s a) p (av) 500 mwatt notes: mmsz5221 thru mmsz5259 500 mw zener diodes 2.4 to 39 volts m c c a. mounted on 5.0mm2(.013mm thick) land areas. inches mm dim min max min max note a .141 .154 3.60 3.90 b .098 .110 2.50 2.80 c .055 .071 1.40 1.80 d .037 .053 0.95 1.35 e .019 .028 0.50 0.70 f --- .008 --- 0.20 g .016 --- 0.40 --- .036 .093 " .048 suggested solder pad layout a b e c h d f g sod123 dimensions  
 omp onents 20736 marilla street chatsworth       
     h --- .005 --- 0.12 max tm micro commercial components 1 of 5  lead free finish/rohs compliant("p" suffix designates rohs compliant. see ordering infor mation) revision: a 2011/01/01 www. mccsemi .com @ if=10ma epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 
m m sz 5 2 2 1 t h r u m m sz 5 2 5 9 m c c electrical characteristics @ 25 o c unless otherwise specified normal zener voltage vz@ izt test current izt maximum zener impedance zzt @ izt zzk @ izk=0.25ma maximum reverse leakage current ir @ vr maximum zener voltage temp mcc part number marking volts ma ohms ohms ua volts %/ o c mm s z5221 c1 2.4 20 30 1200 100 1.0 -0.085 mm s z5222 c2 2.5 20 30 1250 100 1.0 -0.085 mm s z5223 c3 2.7 20 30 1300 75 1.0 -0.080 mm s z5225 c5 3.0 20 29 1600 50 1.0 -0.075 mm s z5226 d1 3.3 20 28 1600 25 1.0 -0.070 mm s z5227 d2 3.6 20 24 1700 15 1.0 -0.065 mm s z5228 d3 3.9 20 23 1900 10 1.0 -0.060 mm s z5229 d4 4.3 20 22 2000 5.0 1.0 0.055 mm s z5230 d5 4.7 20 19 1900 5.0 2.0 0.030 mm s z5231 e1 5.1 20 17 1600 5.0 2.0 0.030 mm s z5232 e2 5.6 20 11 1600 5.0 3.0 +0.038 mm s z5234 e4 6.2 20 7.0 1000 5.0 4.0 +0.045 mm s z5235 e5 6.8 20 5.0 750 3.0 5.0 +0.050 mm s z5236 f1 7.5 20 6.0 500 3.0 6.0 +0.058 mm s z5237 f2 8.2 20 8.0 500 3.0 6.5 +0.062 mm s z5239 f4 9.1 20 10 600 3.0 7.0 +0.068 mm s z5240 f5 10 20 17 600 3.0 8.0 +0.075 mm s z5241 h1 11 20 22 600 2.0 8.4 +0.076 mm s z5242 h2 12 20 30 600 1.0 9.1 +0.077 mm s z5243 h3 13 9.5 13 600 0.5 9.9 +0.079 mm s z5245 h5 15 8.5 16 600 0.1 11 +0.082 mm s z5246 j1 16 7.8 17 600 0.1 12 +0.083 mm s z5248 j3 18 7.0 21 600 0.1 14 +0.085 mm s z5250 j5 20 6.2 25 600 0.1 15 +0.086 mm s z5251 k1 22 5.6 29 600 0.1 17 +0.087 mm s z5252 k2 24 5.2 33 600 0.1 18 +0.088 mm s z5254 k4 27 4.6 41 600 0.1 21 +0.090 mm s z5255 k5 28 4.5 44 600 0.1 21 +0.091 mm s z5256 m1 30 4.2 49 600 0.1 23 +0.091 mm s z5257 m2 33 3.8 58 700 0.1 25 +0.092 mm s z5258 m3 36 3.4 70 700 0.1 27 +0.093 mm s z5259 m4 39 3.2 80 800 0.1 30 +0.094 mmsz5233 e3 6.0 20 7.0 1600 5.0 3.5 +0.040 g1/ g2/ g3/ g4/ g5/ tm micro commercial components www. mccsemi .com 2 of 5 revision: a 2011/01/01 mm s z524 4 h 4 1 4 9. 0 1 5 600 0. 1 10 . 5 +0.0 81 note: 1.. standard zener voltage tolerance is 5% with a "b" suffix (e.g.: mmsz5225b),suffix ''c'' is 2 % tolerance 2. specials available include: a. nominal zener voltages between the voltages show n and tighter voltage tolerances. b. matched sets. 3. zener voltage (v z ) measurement. guarantees the zener voltage when mea sured at 90 seconds while maintaining the lead temp erature (t l ) at 30 o c, from the diode body. 4. zener impedance (z z ) derivation. the zener impedance is derived from t he 60 cycle ac voltage, which results when an ac cu rrent having an rms value equal to 10% of the dc zen er current (i zt or i zk ) is superimposed on i zt or i zk . 5. surge current (i r ) non-repetitive. the rating listed in the electric al characteristics table is maximum peak, non-repet itive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec registration; however, actual device ca pability is as described in figure 5.
mmsz5221 thru mmsz5259 www. mccsemi .com m c c typical reverse current temperature coefficient,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 9 8 7 6 5 4 3 2 -2 -3 steady state power derating effect of zener voltage on zener impedance 100 10 1 1000 100 10 1 i z = 1 ma 5 ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) forward current, ma typical forward voltage forward voltage, volts 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5 c o 25 c o 150 c o typical capacitance 100 1000 100 10 1 10 1 bias at 50% of v z nom 0 v bias 1 v bias capacitance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture coefficient,mv / c) o 10 100 temperature ( c) o power dissipation, watts steady state power derating 1.2 1.0 0.8 0.6 0.4 0.2 0 150 125 100 75 50 25 p d v . s . t a 155 tm micro commercial components 3 of 5 revision: a 2011/01/01
mmsz5221 t h r u m m sz5259 m c c www. mccsemi .com zener voltage v.s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 leakage current ( a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 10 8 6 4 2 0 zener current, ma zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener voltage v.s. zener current zener current, ma tm micro commercial components 4 of 5 revision: a 2011/01/01
m c c tm micro commercial components www. mccsemi .com 5 of 5 revision: a 2011/01/01 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MMSZ5231-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X